Part Number Hot Search : 
167BZXC MCD56 A504ERW 001456 K6A60D IRF9632 01500 D8407N
Product Description
Full Text Search
 

To Download USL1A101MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.8100v p 0.5 l + 1max 15 min 4 min d + 0.5max d sleeve ( p.e.t. ) d p d 4 1.5 0.45 8 3.5 0.5 5 2.0 0.45 6.3 2.5 0.45 (mm) aluminum electrolytic capacitors sl series 7mml, low leakage current low leakage current series with 7mm height. adapted to the rohs directive (2002/95/ec). radial lead type dimensions type numbering system (example : 10v 33 f) u 1 s 2 l 3 1 4 a 5 3 6 3 7 0 8 m 9 d 10 d 11 configuration capacitance tolerance ( 20%) rated capacitance (33 f) rated voltage (10v) series name type d 4 ~ 8 pb-free leadwire pb-free pet sleeve dd configuration specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tan stability at low temperature endurance shelf life marking performance characteristics item 40 ~ + 85 ? c 6.3 ~ 50v 0.1 ~ 220f 20% at 120hz, 20 ? c after 2 minutes' application of rated voltage, leakage current is not more than 0.002cv or 0.4 (a), whichever is greater. printed with white color letter on black sleeve. measurement frequency : 120hz, temperature : 20 ? c measurement frequency : 120hz after 1000 hours' application of rated voltage at 85 ? c, capacitors meet the characteristic requirements listed at right. after storing the capacitors under no load at 85 ? c for 1000 hours, and after performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they will meet the specified value for endurance characteristics listed above. sl rated voltage ( v) tan (max.) 6.3 0.24 10 0.20 16 0.16 25 0.14 35 0.12 50 0.10 z 25 ? c / z + 20 ? c z 40 ? c / z + 20 ? c rated voltage ( v) impedance ratio zt / z20 (max.) 6.3 4 8 10 3 6 16 2 4 25 2 4 35 2 3 50 2 3 rated ripple (marms) at 85 ? c 120hz 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 101 221 0. 4 7 0. 5 7 0. 5 7 6.3 7 0. 8 7 34 42 50 77 130 0j 6.3 1a 10 1c 16 1e 25 1v 35 1h 50 0. 5 7 0. 5 7 6.3 7 0. 8 7 38 47 59 96 0. 4 7 0. 5 7 6.3 7 6.3 7 0. 8 7 29 44 57 68 107 0. 5 7 6.3 7 6.3 7 0. 8 7 33 51 63 78 0. 4 7 0. 5 7 6.3 7 0. 8 7 24 36 57 72 0. 4 7 0. 4 7 0. 4 7 0. 4 7 0. 4 7 0. 4 7 0. 4 7 0. 5 7 6.3 7 0. 8 7 1.0 2.3 3.5 5.0 10 19 24 29 44 65 v code cap.( f) case size d l (mm) low leakage current capacitance change leakage current tan within 20 % of initial value 200 % or less of initial specified value initial specified value or less rated ripple please refer to page 21, 22, 23 about the formed or taped product spec. please refer to page 3 for the minimum order quantity. frequency coefficient of rated ripple current coefficient frequency 50 hz 120 hz 300 hz 1 khz 10 khz ~ 0.70 1.00 1.17 1.36 1.50 sa


▲Up To Search▲   

 
Price & Availability of USL1A101MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X